|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Type Type Ultra-Stable PrecisionHigh Voltage Resistors USG Ultra-Stable Precision High Voltage Resistors Type USGMG Precision High High Voltage Resistors TypeType Ultra-Stable PrecisionVoltage Resistors USG MG Precision High Voltage Resistors The very highest performance high voltage applications require The performance features of the Type USG Ultra Stable USG Ultra Stable The very highest performance high voltage applications require The performance features MG The650 best possible temperature coefficient and long term stability Precision High Voltage Resistors are: Type USG Ultra Stable very Caddock's Micronox(R) resistancevoltageare the source of Preconditioning for Resistors The performance features and Voltage Ratings thethe possible temperature coefficient and long term stability best highest performance high films applications require Precision High Voltage Power of the MG 655 Now Precision High that are Resistors' applications. Precision High Voltage and Additional Models the Typethe high voltage resistorscoefficient and longoutstandingto 10,000 power ratings and maximum operating voltage ratings All Megohms Resistors are: thefrom high with Extendedare used inin theseterm stability best MG voltage resistors that Resistance Range from the possible temperature Voltage used these applications. from * * Temperature Coefficient: 10These ratings-40C to +85C. ppm/C from -40C to are for continuous combination these demanding features: usedppm/C,applications. with Temperature Coefficient: Stability and Precision+85C. preMG 660 from the theseCoefficient requirements Caddock introduces the To meet high performance requirements in these Combined To meet of demanding as that are Temperature voltage resistors tight as 80Caddock introduces the * ** Tolerance: 0.10% duty. 10 ppm/C from are based on Excellent 0.10% Long-Term Tolerances. -40C to +85C. Temperature Coefficient: Tolerance: stress voltage levels applied during the manufacturing meet these values as requirements Caddock introduces the * To Type USG Ultra-Stable Precision High Voltage Resistors. Utilizing Single-resistordemanding high High Voltage Resistors. Type USG Ultra-Stable Precisionas 10,000 Megohms. Utilizing MG 680 * Typical LoadLife for for of and Voltage Ratings Tolerance: Life Stability Caddock's Micronox(R) resistance films are the source of process Loadprovide Power 0.025% per 1,000 hours even 1,000 hours Typical to 0.10% * Type USG Ultra-Stable(R)operating Highsystem, Resistors. Utilizing * *Preconditioning Stability stable resistor performanceratings Maximum continuous Precision voltages as these Type USG ourour proven Tetrinoxresistance film Voltage high as TypeUSG proven Tetrinox(R) resistance film system, these MG 710 the Type volts ("-15" (R) High Voltage Resistors' outstanding MG Precision * at +85C,Load Lifeoverloadhrs.0.025% per 1,000 hours Typical 0.05% per and of maximum. under momentaryper 1000 maximum operating voltage atAll power ratings 1000 conditions. +85C, 0.05% Stability maximum. 48,000 resistance film low temperature coefficient ourresistors were developed to optimize system, these coefficient proven Tetrinox ratings). resistors were developed to optimize low temperature Type USG MG 712 are Maximum operating continuous 60% higher than theon precombination of features: at for continuous duty. hrs. ratings +85C, sizes Three body 0.05% per 1000These voltage ratings based Three body sizes provide voltagesmaximum.are of 5KV, values of 5KV, performance and long of stability performance. coefficient developed to * resistors were performance optimize performance. By utilizing Overvoltage and long term 150% of low temperature By performance capabilities term stabilitystandard working utilizing * *stressinvoltage provide continuous voltage ratings manufacturing listed and 15KV. levels applied during adding of 5KV,to the * performance all core materialsvalues,optimum Tetrinox(R)By utilizing Single-resistor values materials asoptimum Megohms. processing as high with (except "-15" (R) processing 10,000 Tetrinox ratings). 10KV, body sizes may continuous voltage ratings "-15" * 10KV, and 15KV. providebe specified by the Three the table voltages for and core and with MG 714 specific ceramic long specific ceramic modelsterm stability performance. process to provide for MG750-15). performance even model number (Example:stable resistor Note that overload * wewe are able control,materials1.0% to 0.1%. the important Maximum Tolerances very tightly optimum Tetrinoxthe 10KV, The and resistances The specificresistances that not offered in the body size, are ceramic control, from with manufacturing, * specificablecontinuousvery tightly in in manufacturing, asprocessing * *underspecific15KV.ratings thatconditions. to each "-15" size, Resistance to tocore operating voltages as high (R) important momentary and overvoltage overload are apply in each body resistors. do MG 715 volts ("-15" ratings). 48,000able performance parameters in in operating the important have specific operating voltages 60% higherperformance. * have been selected for produceabilityoffered in eachthethe size, The been ranges for "-15" resistorsoptimum in body values ultra-stable to control, very tightly in manufacturing, range, of are * weultra-stable Coefficient, for standard resistancetemperatures Temperature performance parameters operating temperatures Maximum resistances that are Resistance selected for produceability of optimum performance. are * ultra-stable to capabilitiesThis150% process isis offered in specific * *listed"-15 theselected for produceability ofshown than table the Overvoltage to +85C. of with resistance tolerances as unique process offered in The in Low to "Standard specified minimizes "-15" MG ppm/C in combination 716 have been table may be Max." optimum performance. from -40C performance parameters in operating temperatures 80 from -40C +85C. This unique of standard workingspecific The UltraLow Temperature Coefficient minimizes self to from UltraMin." Temperature Coefficientby adding self voltages0.1%. in in three body sizes. The extraordinary operating resistance +85C. This unique process is offered in specific heating (warm-up) drift following the application that tight -40C toall models body sizes. (except "-15" ratings). as values resistancefor values three and values,The extraordinary operating model Ultra Low (Example: MG750-15). minimizes self from * heating (warm-up) drift following the application of high The number Temperature MG 720 Non-Inductive Performance Coefficient Note of highoverload * stability of thethe Type USG resistors Thestability of 0.01% Resistance Tolerances body sizes. improve stability of Type have demonstrated extraordinary operating voltage models withdrift doexclusive in the applied highvoltage. from manufactured with voltage. andMost orresulting Non-inductive performance the applied high of high overvoltage ratings change design to the "-15" resistors. not apply * resistance resistors threefrom 1.0%will improve the performance Type MG values in USG resistors willto 0.1%.the performance voltage or(warm-up) area following the application Caddock's heating resultingfrom a change in Caddock's of your the voltage system. MG 1,000 hours in system. * stabilityhigh voltage extended standardimproveof standardof Temperature Type USG for load life resistance performance per 725 ofhighCoefficient,resistors will testing the range, Custom Low TC HV Strings change in the 50KV, 100KV, etc. of your Non-Inductive Design which available: applied the table are voltage or resulting from a are uses shown 100KV, etc. * *Resistance ranges for "-15" resistors a 50KV,in high voltage. Custom Low TC HV Strings are available: serpentine resistive 80 ppm/C voltage system. from "-15 Min." to "Standard Max." resistance in combination pattern that provides Strings are available: 50KV, 100KV, etc.in of your highrange values. with resistance tolerances as * Custom Low TC HV for neighboring lines to carry current MG 717 Ambient Max. Dimensions tight asexceptional performance has Resistance () 0.1%. Max. Continuous Ambient Max. This PartPart Number been Non-Inductive Performance Dimensions in inches and (millimeters) oppositeOperating MostDielectric directions,Dielectric thereby are available with (millimeters) maximum Tolerance TC ppm/C models achieving in inches and cancellation Max. Continuous Resistance ()proven through TC ppm/C Number Tolerance Strength Operating (Model-Value-Tol.-TC) Temperature Operating Voltage * Typeyearsresistors have Operating Voltage stability the highest MG of use demonstrated many (Model-Value-Tol.-TC) in equipment that demandsof 0.01% Most models Strengthentire length ofin inches resistor. This are of fluxTemperature over Non-inductive Serpentine Pattern fieldsMax. the manufactured the and (millimeters) Caddock's Dielectric 1 A C 2 Ambient Dimensions B with Caddock's Max. Continuous Resistance () Part Number 1 A B C 2ppm/C Tolerance TC MG 1,000 hours in extended Operating per721 reliability and - 0.10%-10ppm Operating load life testing of standard stability, including TWT Meg amplifiers, X-ray 10 ppm/C Non-Inductive serpentine .002 Voltage 1.250 .070 efficient Temperature Design construction isa accomplishedresistive non-inductive which uses .350 .040 .040 .002 without Strength (Model-Value-Tol.-TC) USG1105 85C 5 50 1,000 0.10% 1.250 .070 .350 .040 .040 (31.75 1.78) (8.89 1.02) (1.02 .05) resistance- 50M range values. 5 KV KV and medical electronics. 1 A B C 2 deratingthat provides for neighboring lines 1.02) USG1105 50M - 0.10%-10ppm 10 ppm/C 85C 50 Meg 1,000 0.10% systems, -geophysical instruments, pattern of any performance (31.75 .070 (8.89 .040 carry .002 current in (1.02 .05) 1.78) advantages. to .040 1.250 .350 5 KV 75 Meg 1,000 USG1105 85C 1.250 .070 .350 .040 .350 .040 .040 .002 1.250 MG 730 exceptional performance has been proven 0.10% (31.75 .070 This 50M75M - 0.10%-10ppm through 1010 ppm/C opposite 85C directions, 1,000 thereby (31.75 1.78) (8.89 1.02) (1.02.040 .002 achieving maximum (1.02.05).05) cancellation USG1105 - 75M -- 0.10%-10ppm 0.10%-10ppm 10 ppm/C 85C KV 50 Meg 1,000 55KV 0.10% 75 Meg ppm/C 0.10% (31.75 1.78) (8.89 .040 (8.89 1.02).040(1.02 1.78) 1.02) .05) 2.000 .080 many USG1110 - 100M -use in equipment that demands the0.10% Dimensions in inches and (millimeters) Specifications:(8.89the resistor..002 years of 0.10%-10ppm highest 10 ppm/C flux fields over the entire 1.250 .070 of .350 .040 (1.02.002 This 10 KV 100 Meg 1,000 85C of length .350 1.02) .040 .05) .002 2.000 .080 .350 .040 Resistance .040 (50.80 2.03) Max. KV 105KV 75 Meg 1,000 USG1105 -100 Meg 85C USG1110 1,000 85C 0.10% 10 ppm/C 0.10% 10 ppm/C Overload Dielect. Model Watt-75M - 0.10%-10ppm (50.80 .080 (31.75 (8.89 1.02) (1.02 .05) Continuous Rating 2.000 2.03) .350 1.02) .002 reliability 100M - 0.10%-10ppm and -stability, including TWT Meg Standard Extended efficient non-inductive construction1.78)(8.89 1.02) (1.02.040 without is (8.89 .040 .040(1.02 .002 accomplished.05) -15 amplifiers, X-ray A ppm/C No. 735age - 150MVolt. B MG USG1110 Oper. 0.10%-10ppm Strength Min. 10 KV 150 1,000 0.10% 10 85C C .002 2.000 .080 (50.80 2.03) Resistance 2.000 .080 .350 .040 .040 .05) Tolerance: .350 .040 Max. Min. Meg 10 KV 10 KV 1,000 10 ppm/C 85Cany performance (50.80 2.03) (8.89 1.02) 100 USG1110 150M -- 0.10%-10ppm 100M 0.10%-10ppm 1,000 85C 0.10% 10 ppm/C systems, - geophysical instruments, and 150 Meg Max. 0.10% medical electronics. (1.02 .05) (50.80 2.03) .350 .040 derating of advantages. (8.89 1.02).040(1.02 .05) .002 3.000 .090 .313 .020 .094 .015 .025 .002 Lowest TC High Voltage Resistor, 10 ppm/C from -40C to +85C reference to +25C to +25C Lowest TC High Voltage Resistor, 10 ppm/C Lowest TC High Three body sizes 10 ppm/C from -40C to +85C Additional to +25C Resistor, from -40C to and reference Now with Extended Resistance Range to 10,000 Megohms of 5KV, 10KV, and 15KV 0.10% Tolerance, Voltage body sizesproviding voltage ratings+85C reference Models 0.10% Tolerance, Three providing voltage ratings and 15KV 0.10% Tolerance, Three body sizes providing voltage ratings Stability 10KV, and Tolerances. Page Temperature Coefficient as tight as 80 ppm/C, Combined with Excellent Long-Termof 5KV, and Precision 15KV 1 of 2 15 150 10 ppm/C 1,000 85C Resistance(76.20 2.29) (8.89 1.02) (1.02 .05) Range .080 .350 .040 Tolerance .002 3.000 .090 .040 2.000 .350 .040 .040 .002 0.5 600 N/A 750 KV 200 N/A Meg 5 Meg 0.10% Type 1 MG650 USG1115 - 150M - 0.10%-10ppm 15 KV (7.95ppm/C (2.39 .38) 85C .05) (.64 150 Meg 10 .51) 0.10% USG1115 1,000 10 KV 150 Meg USG1110 150M 0.10%-10ppm 1,000 0.10% 10 ppm/C 85C (76.20 .090 (50.80 2.03) (8.89 .040 (8.89 1.02) (1.02 .05) MG 745 - 150M -- 0.10%-10ppm 3.000 2.29) .350 1.02) .040(1.02 .05) .002 200 Meg 15 KV 0.10% 10 ppm/C .109 .025 85C .002 1,000 Standard3.000 .0901%, 1.02) 0.25%, 0.1% USG1115 - 200M - 0.10%-10ppm 0.5%, (1.02 .05) .025 .313 .030 inches and (millimeters) Resistance (76.20 2.29) (8.89 .040 3.000 .090 .350 Dimensions in .350 .040 .040 .002 .040 .002 Type 0.5 150M Max. 600 750 8 Meg 0.10% N/A N/A MG655 Watt15 KV 10 .76) 1,000 USG1115 - 200M -- 0.10%-10ppm 1 Overload Dielect. 200 200 Meg 15 KV Model 150 Meg 10 ppm/C 0.10% 0.10%-10ppm 1,000 85C (7.95ppm/C (2.77 .64) 85C .05) (.64 (76.20 2.29) (8.89 1.02) (76.20 2.29) (8.89 1.02) (1.02 .05) (1.02 .05) Continuous Rating Standard Extended -15 No. age Oper. Volt. Strength Min. A B C St'd with "-15" 3.000 1% Resistance rating .090 Tolerance: .350 .040 .040 .002 Max. Max. .025 .500 .030 .094 .015 85C .002 Min. MG 731 200 Meg 10 Meg 0.10% 15 KV 400 10 ppm/C 1,000 USG1115 - 0.10%-10ppm 1 Type 750 N/A N/A MG660 0.6 200M 1,000 (76.20 (12.70 .76) (2.39 .38) (.64 .002 Extended Range 2.29) (8.89 1.02) (1.02 .05) 1% .313 .020 .094 .015 .025 .05) Resistance Range Tolerance 600 200 5 Meg N/A 750 N/A Type 1 MG650 0.5 (7.95 .030 (2.39 .015 .025 .002 (.64 .05) (Numbers inside circles reference columns in .750 .51) .094 .38) 2,000 750 20 Meg N/A 600 N/A MG680 0.8 Type 1 (19.05 .76) (2.39 .38) (.64 (Numbers inside circles reference columns in .05) numberStandard Coefficient: .313 .030 .109 .025 .025 .002 part Temperature table above) 1%, 0.5%, 0.25%, 0.1% Type 1 600 750 200 8 Meg N/A N/A MG655 MG 740 0.5 (7.95 .76) .094 .64) (.64 .002 .05) 1.000 .040 (2.77 .015 .025 part number table above) 1.0 4,000 750 800 50 Meg N/A N/A Type 1 MG710 St'd inside circles reference columns in Resistance rating (Numberswith "-15"0.1% measured 1% room (25.40 1.02) (2.39 .38) (.64 .05) 1 Tolerance: at .500 .030 .094 .015 .025 .002 TC Specifications Type 1 1,000 750 400 10 Meg N/A N/A MG660 0.6 Range .05) (12.70.060 (2.39 .030 .025 .002 (.64 1 part number (23C above) 100 Vdc 1% .400 .76) .140 .38) Tolerance: table 2C) at 0.1% measured at room temperature Extended Range Type 2 1,000 750 800 20 Meg N/A N/A MG712 0.6 (10.16 .152) (3.56 .76) (.64 .002 .094 .015 .025 .05) Standard and 2C) at 100 Vdc .750 .030 MG 750 temperature (23C 80 ppm/C from -15C torefer600 2,000 750 20 Meg N/A N/A MG680 0.8 Type 1 2 1 Temperature 10ppm/C, +105C, (19.05.060 (2.39 .030 .032 .002 Tolerance: Coefficient: measured at room (.64 .05) St'd with "-15" Coefficient: .562 .76) .150 .38) Temperature 0.1% 1.0 1,000 750 200 6.5 Meg 20 Meg N/A MG714 Type 2 referenced (14.27 1.52) (3.81 .76) (.81 2 Temperature Coefficient: -40C and +85C, enced torating R taken at to +25C. 25C. 1.000 .040 .094 .015 .025 .05) temperature (23C 2C) at 10ppm/C, refer.002 100 Vdc 1.0 4,000 750 800 50 Meg N/A N/A Type 1 MG710 (25.40 .060 (2.39 .030 .025 .002 (.64 .05) enced Resistance Rof 80 ppm/C fromand +85C, to 25C. .750 1.02) .140 .38) measured at 50% taken at -40C +25C to +105C, rated voltage TC Specifications 2,000 750 400 26 Meg 50 Meg N/A MG715 1.0 Type 2 MG 780 Range 2 (19.05 1.52) (3.56 .76) (.64 .002 10ppm/C, referExtended .140 .030 .025 .05) Temperature Coefficient: .400 .060 measured at 50% of -200 10,000 to +50 ppm/C from rated voltage ppm/C megohms, min. Type 2 1,000 750 800 20 Meg N/A N/A MG712 0.6 Insulation 25C. (10.16 .060 (3.56 .030 .025 .002 enced Rangeand R taken at -40C and +85C, (.64 .05) 1.000 .152) .140 .76) to Resistance: to Standard -15C Type 2 600 70 Meg 4,000 750 75 Meg N/A MG716 1.5 80 ppm/C from Page Insulation Resistance:rated+25C. -15C to +105C, 1 of 2 10,000 megohms, min. (.64 .05) (25.40 1.52) (3.56 .76) .150 .030 .032 .002 measured at 50% times maximum continuous St'd with "-15" .562 .060 Overvoltage: 1.5 of voltage 1.0 1,000 750 200 6.5 Meg 20 Meg N/A MG714 Type 2 referenced to +25C. (14.27.050 (3.81 .030 .040 .002 (.81 .05) .710 1.52) .240 .76) rating 1.5 times MG 785 1.5 Insulation Resistance: 10,000 continuous Megohms, operating voltage for 5 maximum R 0.05% min. Overvoltage:Resistance: seconds,megohms, min. 2,000 750 600 17 Meg 75 Meg 225 M Type 2 MG717 (18.03 1.27) (6.10 .76) (1.02 .05) Insulation 10,000 .140 .030 .025 .002 .750 .060 max. 2,000 750 400 26 Meg 50 Meg N/A MG715 1.0 Type 2 operating voltage for 5 seconds,+25C to +105C, 80 ppm/C from R 0.05% Overload/Overvoltage: 5 times rated power (19.05 .080 (3.56 .030 .025 .002 (.64 .05) 1.500 1.52) .140 .76) Extended Type 2 6,000 750 1K 150 Meg N/A N/A MG720 2.0 Overvoltage: voltage not to Methodppm/C frommax1.5-200 ppm/C to +50 1.5 times times maximum107, (3.56 .76) max.with Range (.64 .002 (38.10 2.03) .140 .030 .025 .05) Thermal applied Mil-Std-202, exceed continuous Shock: 1.000 .060 -15C to +25C. Type 2 600 70 Meg 4,000 750 75 Meg N/A MG716 1.5 MG 810 (.64 .05) (25.40 .050 (3.56 .030 .040 .002 operating R 0.05% max. seconds, for 5 seconds. 1.000 1.52) .240 .76) condition A, voltage operating voltage R 0.05% imum continuous for 5 Thermal Shock: Mil-Std-202, Method 107, 2.0 4,000 750 200 51 Meg 100 Meg 300 M MG721 Type 2 (25.40 .050 (6.10 .76) (1.02 .05) max. 1.27) .240 .030 .040 .002 .710 Insulation Voltage max. 10,000 Megohms, min. Resistance: Type R condition A,Resistance: Mil-Std-202, Method 1.5 2,000 750 600 17 Meg 75 Meg Type 2 MG717 Moisture1: DC 0.05% .140 .76) .025 .05) Caddock's Micronox(R) resistance films are Meg source (18.03 .080 PreconditioningThermal Shock: Mil-Std-202, Method 107, the 225 M of 1.27) (6.10 .030 (1.02 .002 for Power and Voltage Ratings 2.000 750 1.5 K 200 10,000 N/A N/A MG725 2.5 Type 2 Vrms Overload/Overvoltage: 5 (50.80 .080 .140 .030 (.64 .002 Moisture DC max. 1.500 the Type MG Precision High Voltage N/A Resistors' outstanding 2.03) (3.56 .76) .025 .05)106,Type 2:Resistance: operating voltage ratings All power ratingsR 0.05%Voltage ormax.AC times Method and maximum Mil-Std-202, rated power Type 2 6,000 750 1K 150 Meg N/A MG720 2.0 MG 815 (.64 .05) (38.10 .080 (3.56 .030 .040 .002 condition A, R 0.05%not to exceed 1.5 times max1.500 2.03) .240 .76) R 0.05% hrs 106, ResistanceThese ratings are based on Range Load duty. 1000voltage Overload/Overvoltage, R Life: 1,000 500 77 Meg 250 Meg 6,000 750 M MG730 3.0 Type 2 are for continuous with applied max. at +85C at rated voltage, precombination of performance features: (38.10 2.03) (6.10 .76) (1.02 .05) .240 .030 .040 .002 Moisture Resistance: Mil-Std-202, 5 seconds. 1.000 .050 Precise Voltage Division Ratio performance can be formedM imum continuous operating voltage for R 0.025% typical, R 0.05% max. max. Method 2.0 4,000 750 200 51 Meg 100 Meg 300 using Type USG MG721 Type 2 .76) .040 .05) 0.5% Load 1000 (25.40 1.27) (6.10 .030 (1.02 .002 levels Standard hrs at +85C at rated voltage, 1.000 Single-resistorDivision2Ratio performanceMegMegohms. usingType.060 stress voltage 106,Life: applied during the manufacturing 2.6 4,000 values Ultra-Stable High Type as 1,000 as 10,000 be Meg 750 M Voltagehigh 200 together 150 formed Resistors 40 can with Caddock's (25.40 1.52) (8.00 .76) (1.02 .05) USF .315 MG731 Type 1: DC Voltage Page 1 of 2 Precise Voltage Type USG .140 .030 to provide for 0.05% max.0.05% max. Solderable stable R St'dR Leads resistor performance even 2.000 .080 process .025 .002 0.025% typical, R with 750 K 10,000 N/A MG725 2.5 Type 2 Ultra-Stable Precisionthis catalog are or "matched"highselected Type USF (3.56 .030 pending. Type 2: "-15" rating at +85C Low Maximum continuousFilm Resistorscovered byas200or more N/A Type TK are also patents .040 .002 Load Life:DC Voltage or VrmsAC atN/A voltage, operating 1.5 together with Meg as patents,(50.80 .080 .240 .76) (.64 .05) voltages onewith Ultra-Stable10,000 Voltage Resistors 178 Meg 300 Meg 1,000 M High Caddock's 2.000 2.03)under momentary overload 1000 hrs Certain3.6 products shownType 2 in there rated conditions. MG735 temperature silicone Solderable Leads (50.80 .080 TC Precision Radial-Lead performance can beCaddock Applications (6.10 .030 Extended 0.8% 48,000 volts ("-15" Film 1,000 750 ratings). Precise Voltage Division2RatioResistors. 77Consult Meg 750 MType Type USG .76) (1.02 .05)Encapsulation: High 0.05% max.max. Ultra-Stable PrecisionType Resistors 500 "matched" with formed using1.500 2.03) .240 .76) .040 .002 R Resistance Range 60% Overload/Overvoltage, R or TK Low 0.025% typical, Range 1,000 250 selected 6,000 MG730 3.0 Maximum operating voltages R temperature silicone conformal 1.500 USF Engineering to Voltage 1,000 division Meg ratio Caddock your Encapsulation: High higher than the values Ultra-Stable 6,000 optimize voltage 300 of Consult performance for(38.10 .060 (6.10 .030 (1.02 .002 Thermal Shock: Mil-Std-202, Method 107, High Type 2 Resistors. 64 Meg 300 Meg 1,500 M (38.10 2.03) Overvoltage Radial-Lead of 150% together with Caddock's Type1.52) .315 .030 .040 .05) Solderable Leads 3.6 MG740Precision capabilities Resistors standard working Applications (8.00 .76) (1.02 .05) TC Standard 0.5% max. .315 listed in the .002 may be specified by adding "-15" to the 1.000 .040 table Storage Temperature: application. all TC conformal 2.6 1,000 B MG731 1.500 for4,000 modelsvoltage division 40 Meg performanceMfor your 1.52) (8.00 .030 (1.02 .05) Ultra-Stable PrecisionType 2of the Type200 C"matched"minimizes temperature.100 .240 .76) .040 .002 Cond. C, R 0.25%-40C to +105C Film and values, resistors "-15" 750 Type TK or ratio with selected 3.000 .060 voltages .125The LowA Engineering to optimize ResistorsUSG(except 150 Meg ratings). (25.40 Low max. Note that overload (38.10 15,000 1,000 1 K 288 that 500 Meg MG745 5.0 drift due to temperature gradients Meg may exist due to(76.20 2.54) model number (Example: MG750-15).temperature silicone Type 2 related 3.18) Radial-Lead Type USG resistors minimizes1,500 M the St'd with "-15" rating High N/A TC PrecisionTolerances from 1.0% toConsult Caddock Applications (6.10 .76) (1.02 .05) Encapsulation: Resistors. Storage Temperature: -40C to +105C application. The Low TC of2the 1,000 750 1780.1%. Meg 1,000 M temperature .080 .240 .030 .040 .002 Moisture Resistance: Mil-Std-202, Method 106, 2.000 Resistance10,000 Meg 300 MG735 3.6 Type placement to optimize voltage division that may exist assembly. voltage due for(50.80 Caddock'sofMicronox(R) resistance the highperformance to of 2.03)and .030 (1.02 .002 for Extendeddeveloping Low 0.8% max. resistors. Power (6.10 .76) .040 assistance in and apply to the "-15" .315 overvoltage ratings do not For Ratio 2.125 Engineeringduethe resistor components infilms are the source the .060 Preconditioning conformal .125 Range Voltage RatingsTC matched ratio 500 Meg 2,500 M immediate engineering .05) R 0.4% max. A your related drift 10,000to temperature 400 128 MG750 5.0 INCHESCoefficient, 1,000 gradients Meg Type 2 B (8.00 .76) (1.02 .05) Temperature AND (MILLIMETERS) range, of (53.98 DIMENSIONS .030 the TypeINMG Precision thefor standard64resistancehightemperature1.52) Resistance ranges for "-15" resistors Engineering andratings All power ratings 1.500 3.18) and maximum shown voltage voltage sets, .040 .002 Thermal Shock: operating in C Method 107, our application.of the resistor components in resistors voltage assembly.1.500 .060 (8.00 .030 call or write(38.10 ApplicationsMil-Std-202, the table are Type 300 Meg 300 Meg 1,500 M 3.6 6,000 1,000 USG Type 2 MG740 placement The Low TC of High Voltage Resistors' outstanding resistor.315 .76) (1.02 .002 Storage Temperature: -40C to +105C we will .315 80 ppm/C15,000 in performance with 600 the high tolerances as (38.10 .060 are the best .05)to "Standardour1,000 hoursare +125C on rated combination features: 192 Meg minimizes pleased to1.52)fromfor continuous Load Life: Max."A voltage resistoratproduct resistance 750 Meg 3,750 M 3.125 offer "-15 .040 solution from These ratings at based Min." B duty. .125 preType 2 1,000 combination due to temperature gradients that may exist due to(79.38 1.52) (8.00 .76) (1.02 .05) MG780 1.500 be high C related7.5 drift of the .240 .030 .040 .002 Cond. C, R exceed rated 3.000 .100 (38.10 3.18) tight Curve: voltage, not to0.25% max. power. Derating 5.0 0.1%. 100 2 1,000 500 Meg 1,500 288 MG745 as Type (6.10 .030 (1.02 .002 levels .315 .76) .040 .05) capabilities. placement of15,000resistor 2components K the MegMegohms. Resistors4.000 .120 stress voltage Performance AND (MILLIMETERS)the manufacturing the high voltage 5,000 M Single-resistor values as 1,000 as1 10,000Special Matched M (76.20 2.54)Non-Inductive DIMENSIONS applied duringMil-Std-202, Method 106, high 800 in 320 Meg 1,000 Meg assembly. 20,000 IN INCHES Low Absolute TC, MG785 8.0 Type 80 for Moisture.125 Type MG resistors have demonstrated stability of 0.01% (101.60 3.05) (8.00 .76) (1.02provide ResistanceResistance: B for 1.500 .315 .030 .040 .05) A Most are manufactured Load Life,Caddock's with R Range .002 2.125 C Maximum POWER ORinType 2 1,000 load 128 Megas 500 TCstandard (53.98 .120 process tomodels R(38.10stable resistor performance even continuous voltages Ratioof with Type Low .060 (8.00 .030 (1.02 .002 high as M 5.000 60 Ultra-Precision Meg 2,500 10,000 MG750 5.0 Lowest max. 0.4% conditions. a RATED hours .315 .76) .040 .05) perAbsolute TC, Tolerance, operating 400 life testingMatched6,250 M TK for 1.52)under momentary overload 3.18) AND (MILLIMETERS) extended which DIMENSIONS IN INCHES Lowwith10.0volts Resistors Meg 1,250 Meg 1,000 1 K 400Special Radial Lead Resistors 3.05) Non-Inductive Design Standard uses 1% serpentine resistive RATED 25,000 MG810 1,000USF ("-15"Type 2 Resistors Type VOLTAGE, % 40ratings). 0.5% max. TC 48,000 MG750 -100M - hours at +125C at rated (127.00 .060 (8.00 .76) (1.02 .05) .315 .030 .040 .002 3.125 Load neighboring resistance Tolerance,Type 2 1,000 600 192 Meg 750 Meg Type M Low 1.52)pattern that provides for Life: 1,000 lines to than the values range values. Ultra-Precision 15,000 7.5 Maximum operating voltages 60% higher carry MG780 Lowest Ratio TC with 3,750 TK (79.38 20 6.000 Model Number:.040 .05) .350 .76) Overvoltage of standard working M (152.40 .120 (8.00.040 (1.02 .002 voltage, "-15" to exceed Tolerance current in St'd with rating 30,000 1,000 2,000 Meg 10,000 MG815 15.0 2 with Type USFTC, capabilities of 150% K 384 MegTC proven Resistors (8.89 1.02) directions, therebyspecified by +44/01883 "-15" to the This exceptionalType25 75 125 1 has Special Matched Resistors4.000 .120 opposite (1.02 .002 may be INCHES AND (MILLIMETERS) 0.8% max. maximum LowRHOPOINT COMPONENTS LTD 175 225been Radial Leadthrough 3.05)listed.030 the .05) DIMENSIONS INnotachieving rated power. cancellation Absolute Resistors 0 performance .315 in TEL: adding 717988 for .040 table 275 "-15" ratings). voltages Road, Hurst 320 MG785 8.0 for all models and values, (except (8.00 .76) Value: Extended Range 0.8% max. Holland FAX: Note resistor. Ultra-Precision Tolerance,Green, many years 20,000use Type 2 1,000 800that CMeg 1,000 MegtheType TK(101.60 3.05)model numberover Resistance Range of in AMBIENT TEMPERATURE, demands with5,000 M Low equipment Lowest Ratio TC highest Load that of Resistor (1.02 .05)(Example: MG750-15). of+44/01883 712938 This flux fields the entire length the Life, Roverload Models Resistors construction are in shaded areas. .315 .030 .040 .002 RHOPOINT COMPONENTS LTD Email: sales@rhopointcomponents.com 5.000 .120 efficient non-inductive Resistance25,000low 9AX 2 from Tolerances withOxted, Type USF with do not reliability Surrey, RH8inductance1,0001.0% to 0.1%.Radial Lead Resistors 3.05)and overvoltage ratingsconstruction TEL: +44/01883 717988 Type 1 K 400 Meg amplifiers, X-ray 1,250 Solderable Leads is to the "-15" resistors. MG810 10.0 and stability, including TWT TC Meg 6,250 M (127.00 (8.00 .76) (1.02 .05) Standard apply accomplished without 0.5% max. ENGLAND Website http://www.rhopointcomponents.com Holland Road, Hurst Green, FAX: +44/01883 712938 Temperature Coefficient as tight as 80 ppm/C, Combined with Excellent Long-Term Stability and Precision Tolerances. Now with Extended Resistance Range to 10,000 Megohms and Additional Models * * Precise Low TC Voltage Division * * * Precise Low TC Voltage Division Precise Low TC Voltage Division Design Assistance in Developing High Voltage Resistor Sets with Temperature Coefficient as tight as 80 ppm/C, Combined with Excellent Long-Term Stability and Precision Tolerances. Low TC Tracking. Now with Extended Resistance Range to 10,000 Megohms and Additional Models * * * * RHOPOINT COMPONENTS LTD.LTD St'd with "-15" rating 0.8% (0)1883 1 K 384 Meg 2,000 Meg 10,000 M MG815 15.0 Type 2 Tel: +44max. RHOPOINT COMPONENTS 1,000 TEL: +44/01883 717988 80 ppm/C30,000 in combination with resistance tolerances as (152.40 3.05)from 1.02) (1.02 .05) "Standardhttp://www.rhopointcomponents.com717988 (8.89 "-15 Min." to Max." ENGLAND Holland2003 Caddock Electronics, Inc. Fax: +44max. (0)1883 712938 (c) Road Holland Road, Hurst Green, FAX: +44/01883 712938 RHOPOINT COMPONENTS LTD Website Range Extended 0.8% L-358.0103 Applications Engineering Sales and Corporate Office tight as Hurst Green0.1%. DimensionsNon-Inductive Performance in inches and (millimeters) e-mail: sales@rhopointcomponents.com Oxted,Models RH8low inductance construction are inResistance COMPONENTS LTD. Specifications: Surrey, Max. 9AX RH8 Email: sales@rhopointcomponents.com Model Surrey, with Hwy. Watt- Continuous Overload Dielect. 17271 North Umpqua9AX have demonstrated -15 shaded areas. 1717 Chicago Avenue RHOPOINTof 0.01% Oxted, MG resistors Rating Strength web: www.rhopointcomponents.com * (c)TypeCaddockOper. Volt. Inc. stability Standard Extended No. A B C Most models Solderable Leads are manufactured with L-358.0103 Caddock's Min. ENGLAND Electronics, 2003 age Resistance Tolerance: California 92507-2364 Roseburg, Oregon 97470-9422 Riverside, Max. Max. Min. Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas. RHOPOINT COMPONENTS LTD Website http://www.rhopointcomponents.com per (541) 496-0700 Non-Inductive.002 Encapsulation:uses a serpentine Conformal. Design which High e-mail: caddock@caddock.com * web: www.caddock.com Resistance Range Temperature Silicone resistive Phone: 1,000 hours in extended load life testing of standard Phone: (951) 788-1700 .313 .020 .094 .015 .025 Tolerance IL-110.019 600 200 5 Meg N/A 750 N/A MG650 0.5 Type 1 * * Oxted,Models with Caddock's Non-Inductiveand medical electronics. 6.000 .120 Resistance any performance resistors shown in the table are Temperature Coefficient, for standard resistance areCOMPONENTSranges Encapsulation: High Temperature Silicone Conformal. RHOPOINT in non-shaded areas..350 .040 of LTD "-15" advantages. systems, geophysical instruments, Resistance Pattern range, of derating .040 .002 for Email: sales@rhopointcomponents.com Surrey, RH8 9AX resistance Electronics, Inc. (2.39 .38) (7.95 .51)see caddock.com/contact/dist.html For Caddock Distributors listed by countrypattern that(.64 .05) Fax:2003 Caddock range values. provides for neighboring lines toFax: (951) 369-1151 carry L-358.0103 in current (c) (541) 496-0408 Applications Engineering Standard 1%, 0.5%, cancellation .109 .025 This0.5 exceptional Type performance200 been proven through .313 .030 (2.77 .64) directions, thereby achievingSales and Corporate Office has N/A opposite .025 .002 maximum0.25%, 0.1% 600 750 8 Meg N/A MG655North Umpqua Hwy. 1 17271 1717 * RH8 9AX * UK Chicago (7.95 .76) (.64 .05) (c) 2004 Caddock Electronics, Inc. Hurst Green * the resistor. Avenue Surrey 1% 28_IL110.1004 many years of use in equipment that demands the highest .500 .030 .094 .015 .025 .002 the with "-15" length of California 92507-2364 of flux fields over St'd entire rating This Roseburg, Oregon 97470-9422 Riverside, 1,000 750 400 10 Meg N/A N/A MG660 0.6 Email * reliability 496-0700 Type 1 (12.70 .76) web: www.caddock.com construction is accomplished 788-1700 e-mail: caddock@caddock.com efficient non-inductive Extended Range sales@rhopointcomponents.com * (2.39 .38) (.64 .05) Phone: (541) and stability, including TWT amplifiers, X-ray Phone: (951) without 1% For Caddock Distributors N/A listed see (0) of any performance Web * www.rhopointcomponents.com .750Tel: +44caddock.com/contact/dist.html advantages. .030 .094 .015 .025 1188 Fax: (541) 496-0408 Fax: (951) 369-1151 systems, geophysical instruments, and medical20electronics. by countryderating870 608.002 600 2,000 750 Meg N/A MG680 0.8 Type 1 UK & Ireland Distributors (c) 2004 Caddock Electronics, Inc. 1.0 4,000 Type 1 MG710 Max. Overload Model Watt- Type MG Precision High Voltage Resistors Page 2 of 2 Type MG Precision High Voltage Resistors Page 2 of 2 Page 1 of 2 N Specifications: Specifications: Specifications: Specifications: Type MG Precision High Voltage Resistors Type MG Precision High Voltage Resistors Ordering Information: CADDOCK CADDOCK 800 50 Meg N/A Resistance N/A 750 Dielect. (19.05 .76) (2.39 .38) (.64 .05) .094 .015 .025 .002 1.000 .040 Dimensions in inches .38)(millimeters) (25.40 1.02) (2.39 and (.64 .05) Resistance Specifications: Range Temperature Coefficient: 28_IL110.1004 TC Specifications |
Price & Availability of USG1115-200M-01010PPM |